Part Number Hot Search : 
1N473 ASTMB545 LR3715Z 8F042 P0603 PBL38582 GP509 EPG4001S
Product Description
Full Text Search
 

To Download 40WR5KLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 40 6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
STYLES AVAILABLE
Top Adjust Side Adjust Side Adjust (Two Pins) Side Adjust (3 Pins in-line) 40P 40S 40B 40W
ELECTRICAL1
Resistance Range Standard Resistance Tolerance Input Voltage, Maximum Power rating, Watts End Resistance, Maximum Actual Electrical Travel Contact Resistance Variation Temperature Coefficient of Resistance 100 to 1,000,000 Ohms 30% 100 V 0.1 @ 50C <1K: 30 Ohms Max; > 1K: 5% Max. 200 20 10% Max. 1000 ppm/C
MECHANICAL
Torque, Maximum Weight, Approx. Wiper Position 2.5 in. oz. Max. 0.01 oz. Approx. 50%
1
Specifications subject to change without notice.
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
September 19, 2006
Website: www.bitechnologies.com
page 1 of 3
BI technologies
MODEL 40
ENVIRONMENTAL
Operating Temperature Range Load Life, 0.1W, 500 Hours, 50C Resistance to Solder Heat Aqueous cleaning not recommended -10C to +70C 20% R 260C for 3 sec.
ORDERING INFORMATION2 40 P R10K LF
Model Series Style P, S, B, W Std. Package 500 pc/bag RoHS Compliant Product Code Resistance Value (see tables below)
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES AND MARKING
Resistance (ohms)
100 200 500 1K 2K 5K 10K 20K 50K 100K 200K 500K 1MEG
Part Marking
101 201 501 102 202 502 103 203 503 104 204 504 105
2
Contact our customer service for custom designs and features.
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
September 19, 2006
Website: www.bitechnologies.com
page 2 of 3
BI technologies
MODEL 40
OUTLINE DRAWING3
Model 40P (Top Adjust) Model 40S (Side Adjust)
Model 40B (Side Adjust with 2 pins)
Model 40W (Side Adjust with 3 pins in-line)
3
Dimensions are mm
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
September 19, 2006
Website: www.bitechnologies.com
page 3 of 3
BI technologies


▲Up To Search▲   

 
Price & Availability of 40WR5KLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X